PART |
Description |
Maker |
HM27C64G-15 |
8K x 8 CMOS EPROM Memory
|
Hitachi Semiconductor
|
SDA2506-2 |
Nonvolatile Memory 1K-Bit EPROM
|
Infineon Technologies
|
SDA3546-5 |
Nonvolatile Memory 4K-Bit EPROM
|
Siemens
|
AT27C512RNBSP AT27C512R AT27C512R-70JA AT27C512R-1 |
x16 EPROM x16存储 x8 EPROM From old datasheet system 512K EPROM
|
Atmel, Corp. Atmel Corp
|
M27W512 M27W512-100B6TR M27W512-100F6TR M27W512-10 |
4 Mbit 256Kb x16 Low Voltage UV EPROM and OTP EPROM Hex D-Type Positive-Edge-Triggered Flip-Flops With Clear 16-SOIC 0 to 70 512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM 512千位64Kb的x8低压紫外线EPROM和检察官办公室存储器
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
ST1200 ST1200-D10 ST1200-B5 |
MEMORY CARD IC, 256 bit OTP EPROM WITH LOCK-OUT Memory Card IC 256 bit OTP EPROM with Lock-Out
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
IN87C51N |
CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 4K BYTES OF EPROM MEMORY
|
Integral Corp.
|
ET2716 ET2716Q-1 ET2716-1 ET2716Q |
16,384-BIT (2048 x 8) UV ERASABLE PROM MEMORY COMPONENTS 16K NMOS UV EPROM
|
STMICROELECTRONICS[STMicroelectronics] Thomson Components
|
AM27C040 AM27C040-120 AM27C040-120DCB AM27C040-120 |
4 Megabit (512 K x 8-Bit) CMOS EPROM SEAL,NEOPRENE,CYLINDRICAL CONNECTR& 4兆位12亩8位)的CMOS存储 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 UVPROM, 120 ns, CDIP32 4 Megabit (512 K x 8-Bit) CMOS EPROM 4兆位12亩8位)的CMOS存储 Dual 4-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SOIC 0 to 70 4兆位12亩8位)的CMOS存储 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 UVPROM, 150 ns, CDIP32 8-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SOIC 0 to 70 512K X 8 OTPROM, 120 ns, PDIP32 8-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-PDIP 0 to 70 4兆位12亩8位)的CMOS存储 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 150 ns, PQCC32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 120 ns, PQCC32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 UVPROM, 90 ns, CDIP32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 90 ns, PDIP32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 90 ns, PQCC32 MEMORY KEY, USBFTV, SEALED, 1GB; Colour:Green; Series:USB FTV RoHS Compliant: No
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
M27V102 |
NND - 1 MBIT (64KB X16) LOW VOLTAGE UV EPROM AND OTP EPROM
|
SGS Thomson Microelectronics
|
M87C257-20C1TR M87C257-20C3TR M87C257-20C6TR M87C2 |
Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
|
STMicroelectronics
|